Part Number Hot Search : 
0265R 74F11 MAX92 MAX92 110A7 IRF713 2SC5320 IDT5V
Product Description
Full Text Search
 

To Download 2N4013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4013
SILICON NPN TRANSISTOR
DESCRIPTION:
The ASI 2N4013 is Designed for General Purpose Switching and Amplifier Applications.
PACKAGE STYLE TO-18
MAXIMUM RATINGS
IC VCEO VCBO VEBO PDISS TJ TSTG JC 1.0 A 30 V 50 V 6.0 V 1.4 W @ TC = 25 C -65 C to +200 C -65 C to +200 C 125 C/W
TRANS1.SYM
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVCBO BVEBO ICBO ICES IC = 10 mA IC = 10 A IC = 10 A IE = 10 A VCB = 40 V
TC = 25 C
TEST CONDITIONS
MINIMUM
30 50 50 6.0 TC = 100 C
TYPICAL
MAXIMUM
UNITS
V V V V
VCE = 50 V VCE = 1.0 V VCE = 1.0 V VCE = 1.0 V VCE = 1.0 V VCE = 1.0 V VCE = 1.0 V VCE = 2.0 V VCE = 5.0 V IC = 10 mA IC = 100 mA IC = 100 mA IC = 300 mA IC = 500 mA IC = 500 mA IC = 800 mA IC = 1.0 A 30 60 30 40 35 20 25 30
1.7 120 10 150
A A
TA = -55C TA = -55C
hFE
---
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/2
2N4013
DYNAMIC CHARACTERISTICS
SYMBOL
IC = 10 mA IC = 100 mA IC = 300 mA IC = 500 mA IC = 800 mA IC = 1.0 A IC = 10 mA IC = 100 mA IC = 300 mA IC = 500 mA IC = 800 mA IC = 1.0 A VCE = 10 V VCB = 10 V VEB = 0.5 V VCC = 30 V IB1 = 50 mA VCC = 30 V IB1 = 50 mA VCC = 30 V VCC = 30 V VCC = 30 V IB1 = 50 mA VCC = 30 V IB1 = 50 mA
TC = 25 C
O
TEST CONDITIONS
IB = 1.0 mA IB = 10 mA IB = 30 mA IB = 50 mA IB = 80 mA IB = 100 mA IB = 1.0 mA IB = 10 mA IB = 30 mA IB = 50 mA IB = 80 mA IB = 100 mA IC = 50 mA
MINIMUM
TYPICAL
MAXIMUM
0.25 0.20 0.32 0.42 0.65 0.75 0.76 0.86 1.1 1.1 1.5 1.7 12 55
UNITS
VCE(SAT)
V
VBE(SAT)
V
0.8
ft Cob Cib td tr ts tf ton toff
f = 100 MHz f = 1.0 MHz f = 1.0 MHz
300
MHz pF pF nS nS nS nS nS nS
IC = 500 mA IC = 500 mA IC = 500 mA IC = 500 mA IC = 500 mA IC = 500 mA
VBE = 3.8 V VBE = 3.8 V IB1 = 50 mA IB1 = 50 mA VBE = 3.8 V VBE = 3.8 V
5.0 15 30 25 20 50
10 30 50 30 35 60
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
2/2


▲Up To Search▲   

 
Price & Availability of 2N4013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X